PART |
Description |
Maker |
M35102 |
Contactless Memory with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM 13.56 MHZ, ISO 14443, CONTACTLESS MEMORY CHIP 2048-BIT EEPROM WITH 64-BIT UNIQUE SERIAL ID
|
SGS Thomson Microelectronics STMicroelectronics
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
IS93C66A-2PI IS93C56A-3ZLA3 IS93C66A-3ZLA3 IS93C56 |
2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM 256 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8
|
Integrated Silicon Solution, Inc.
|
FM93C56LM8 FM93C56EM8 FM93CS56VN FM93C56EMT8 FM93C |
(MICROWIRE TM Bus Interface))2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface))2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read (MICROWIRE ™ Bus Interface))2048-Bit Serial EEPROM (MICROWIRE⑩ Bus Interface) 2048-Bit Serial EEPROM with Data Protect and Sequential Read
|
FAIRCHILD[Fairchild Semiconductor]
|
IS93C46A IS93C46A-3GI IS93C46A-3GL IS93C46A-3GLI I |
64 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC Integrated Silicon Solution, Inc
|
IS25C128-2WLI IS25C128-3WLA3 IS25C128-3GLA3 |
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM 16K X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Integrated Silicon Solution, Inc.
|
IS25C64A-3ZLA1 IS25C32A IS25C32A_07 IS25C32A-2GI I |
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI[Integrated Silicon Solution, Inc]
|
IS93C76A IS93C86A |
(IS93C76A / IS93C86A) 8K-BIT/16K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS93C66A |
(IS93C56A / IS93C66A) 2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|
IS25C16 |
(IS25C08 / IS25C16) 8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
ISSI
|